PART |
Description |
Maker |
TC3827 TC3827-4.2VUA TC3827-4.1VUA |
The TC3827 is a battery charger controller for a single cell Li-Ion battery. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include over-current foldback, charge current monitor, Lithium-Ion Battery Charger
|
MICROCHIP[Microchip Technology]
|
MCP73827 MCP73827-4.1VUA MCP73827-4.2VUA |
Single Cell Lithium-Ion Charge Management Controller with Mode Indicator and Charge Current Monitor
|
Microchip Technology
|
NCP1800-D |
Single-Cell Lithium Ion Battery Charge Controller
|
ON Semiconductor
|
MCP73826 MCP73826-4.1VCHTR MCP73826-4.2VCHTR |
Single Cell Lithium-Ion Charge Management Controller The MCP73826 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging ... The MCP73826 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. An overall system accuracy of 1% ensures that the cell capaci
|
Microchip Technology
|
MCP73827 MCP73828 |
The MCP73827 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include over-current foldback, charge current monito The MCP73828 is a battery charger controller for single cell Lithium-Ion (Li-Ion) batteries. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include, over-current foldback, charge
|
Microchip
|
SS6821DCVTR SS6821 SS6821A SS6821ACV SS6821ACVTR S |
Single-Cell Lithium-Ion Battery Protection IC Single-cell Lithium-lon Battery Protection IC
|
List of Unclassifed Man... Silicon Standard Corp. ETC[ETC] List of Unclassifed Manufacturers
|
LTC1731-4.2 LTC1731EMS8-4.1 LTC1731ES8-4.2 LTC1731 |
Single Cell Lithium-Ion Linear Battery Charger Controllers
|
Linear Technology
|
UB2421 UB2421G-AG6-R UB2421-15 |
ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC ONE CELL LITHIUM-ION POLYMER BATTERY
|
Unisonic Technologies
|
MCP73831 MCP73831-2ACI_MC MCP73831-2ACI_OT MCP7383 |
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
|
MICROCHIP[Microchip Technology]
|
MCP73861T MCP7386111 MCP73862 MCP73862T |
Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
|
Microchip Technology
|
ADP3820 ADP3820AR-41 ADP3820AR-42 ADP3820ART-41 AD |
20V; lithium-ion battery changer. For Li-Ion battery chargers, desktop computers, hand-held instruments Circular Connector; No. of Contacts:17; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-29 RoHS Compliant: No Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Lithium-Ion Battery Charger ±1% Precision, Single Cell Li-Ion Battery Charger
|
Analog Devices, Inc. AD[Analog Devices]
|
LV51134T |
2-Cell Lithium-Ion Secondary Battery Protection IC
|
ON Semiconductor
|